PART |
Description |
Maker |
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX5383 MAX5383EUT-T MAX5383EZT-T MAX5384 MAX5384E |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO6 Low-Cost Low-Power 8-Bit DACs with 3-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
100QE 58PHL 51PBH 51PBHL 11OPS3M 31OPS3M 11OBH3M 3 |
Optoelectronic Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 4A High Efficiency Switching Regulators Afterburner Chip 8-Digit, Triplexed LCD Decoder Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 光电 High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers 光电 Low-Power, 8-Channel, Serial 12-Bit ADCs 光电
|
ADC Square D by Schneider Electric
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
6300B 6298B 6299B |
Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer Thermistor-to-Digital Converter HEATSINK TO220/218 3.6C/W Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 散热片TO220/218 3.1C /
|
Microsemi, Corp.
|
0443-0050-10 0443-0500-10 0443-0030-10 0443-0080-1 |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
CMC7106Y CMC7106R CMC7106 |
CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6 CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
|
CALMIRCO[California Micro Devices Corp]
|
MAX6720 MAX6720UTD-T MAX6729 MAX6717 MAX6722UTD-T |
Vcc1: 2.313 V, Vcc2: 1.110 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.665 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.313 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.188 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.313 V, Vcc2: 1.665 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 P Supervisory Circuits Replaced by TPL9201 : Microcontroller Power Supply and Low-Side Driver 20-PDIP -40 to 125 Dual/Triple Ultra-Low-Voltage SOT23 レP Supervisory Circuits 三路、超低电压、SOT23封装、微处理器监控电 8-Bit Shift Register 16-PDIP -40 to 125 三路、超低电压、SOT23封装、微处理器监控电 Vcc1: 2.188 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.625 V,Vcc2: 3.075 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.375 V, Vcc2: 2.625 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 4.375 V,Vcc2: 2.925 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.625 V, Vcc2: 2.188 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.050 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 1.575 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 2.925 V, Vcc2: 2.188 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 0.833 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.110 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.388 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 1.665 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 3.075 V, Vcc2: 2.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 0.788 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 1.313 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.575 V, Vcc2: 1.050 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1: 1.665 V, Vcc2: 0.883 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit Vcc1 4.625 V,Vcc2 3.075 V, active timeout period: 140 ms-280 ms, dual/triple ultra-low-voltage SOT23 mP supervisor circuit
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
MIC912BM5 MIC912YM5 MIC91207 |
200MHz Low-Power SOT23-5 Op Amp
|
Micrel Semiconductor
|
MIC911BM5 MIC911YM5 MIC91107 |
105MHz Low-Power SOT23-5 Op Amp
|
Micrel Semiconductor
|
MIC863 MIC863BM5 MIC863BM8 |
DUAL ULTRA LOW POWER OP AMP IN SOT23-8
|
Micrel Semiconductor
|
|